Part Number Hot Search : 
D2N220DG SMAJ60CA C2188 28F10 C1454 1N4728A ISL85 DA121TT1
Product Description
Full Text Search
 

To Download STPRF1640CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STPRF1605CT - STPRF1640CT
16A SUPER-FAST GLASS PASSIVATED RECTIFIER Features
* * * * * * * Glass Passivated Die Construction Diffused Junction Super-Fast Switching for High Efficiency High Current Capability and Low Forward Voltage Drop Surge Overload Rating to 200A Peak Low Reverse Leakage Current Plastic Material: UL Flammability Classification Rating 94V-0
TO-220AB
L B C K D A
1 2 3
Dim
M
Min 14.22 9.65 2.54 5.84 3/4 12.70 2.29 0.51 3.53AE 3.56 1.14 0.30 2.03
Max 15.88 10.67 3.43 6.86 6.35 14.73 2.79 1.14 4.09AE 4.83 1.40 0.64 2.92
A B C D E G
Mechanical Data
* * * * * * Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: As Marked on Body Marking: Type Number Weight: 2.24 grams (approx.) Mounting Position: Any
J
E N G
H J K L
P
HH
Pin 1 Pin 2 Pin 3 Case
M N P
All Dimensions in mm @ TA = 25C unless otherwise specified
Maximum Ratings and Electrical Characteristics
Single phase, single phase, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output @ TC = 100C Current (Note 1) Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage @ IF = 8.0A Peak Reverse Current @ TC = 25C at Rated DC Blocking Voltage @ TC = 100C Reverse Recovery Time Typical Junction Capacitance (Note 2) (Note 3) Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM trr Cj RqJC Tj, TSTG STPRF 1605CT 50 35
STPRF 1610CT 100 70
STPRF 1615CT 150 105 16 200 0.95 5.0 500 35 85 3.1
STPRF 1620CT 200 140
STPRF 1630CT 300 210
STPRF 1640CT 400 280
Unit V V A A
1.3
V mA
50
ns pF C/W C
Typical Thermal Resistance Junction to Case Operating and Storage Temperature Range
-65 to +150
Notes:
1. Case mounted on heatsink. 2. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. 3. Measured at 1.0MHz and Applied Reverse Voltage of 4.0V DC.
DS14011 Rev. C-2
1 of 2
STPRF1605CT - STPRF1640CT
IF, INSTANTANEOUS FORWARD CURRENT (A)
20
100
I(AV), AVERAGE FORWARD CURRENT (A)
16
50V - 200V
300V - 400V
10
12
8
1.0
4
Pulse width = 300s 2% duty cycle
0
0.1 0.2 0.6 1.0 1.4 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
0
50
100
150
TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
300
IFSM, PEAK FORWARD SURGE CURRENT (A)
8.3 ms single half-sine-wave JEDEC method
400
Tj = 25C f = 1.0MHz
250
200
Cj, CAPACITANCE (pF)
100
150 100
50 0
10
1
10 NUMBER OF CYCLES AT 60Hz Fig. 3 Maximum Non-Repetitive Surge Current
100
0.1
1.0
10
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
DS14011 Rev. C-2
2 of 2
STPRF1605CT - STPRF1640CT


▲Up To Search▲   

 
Price & Availability of STPRF1640CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X